Part Number Hot Search : 
A3935KLQ SP1040 MHW9242A SL55143I C511A HCF40107 IRFP451 114TN6R
Product Description
Full Text Search
 

To Download 9004090000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | tools | wire end ferrules | wire end ferrules without plastic collar | nominal conductor cross-section 0.25 mm2 - 6.0 mm2 - 1 - general ordering data order no. 0373100000 part designation h4,0/9 version wire-end ferrule, 4 mm2 ean 4008190164669 qty. 500 pc(s). technical data length 9 mm width 2.8 mm height 2.8 mm product data conductor rated cross-section 4 mm2 awg 12 total length (l1) 9 mm contact surface diameter (d1) 2.8 mm metal sleeve thickness (s1) 0.2 mm approvals approvals institutes classifications etim 2.0 ec000005 etim 3.0 ec000005 eclass 4.1 27-06-07-01 eclass 5.0 27-40-02-01 eclass 5.1 27-40-02-01 similar products order no. part designation version 9018910000 h0.25/5 wire-end ferrule, 0.25 mm2 0282600000 h0.5/6 wire-end ferrule, 0.5 mm2 9004050000 h0,5/10 wire-end ferrule, 0.5 mm2 0282700000 h0.75/6 wire-end ferrule, 0.75 mm2 0542500000 h0.75/10 wire-end ferrule, 0.75 mm2 0372600000 h1,0/6 wire-end ferrule, 1 mm2 0282800000 h1,0/10 wire-end ferrule, 1 mm2 0372700000 h1,5/7 wire-end ferrule, 1.5 mm2 0186500000 h1,5/10 wire-end ferrule, 1.5 mm2
product catalogue | tools | wire end ferrules | wire end ferrules without plastic collar | nominal conductor cross-section 0.25 mm2 - 6.0 mm2 - 2 - 9004060000 h1,5/12 wire-end ferrule, 1.5 mm2 9004070000 h1,5/18 wire-end ferrule, 1.5 mm2 0373000000 h2,5/7 wire-end ferrule, 2.5 mm2 9004080000 h2,5/10 wire-end ferrule, 2.5 mm2 0186100000 h2,5/12 wire-end ferrule, 2.5 mm2 9004090000 h2,5/18 wire-end ferrule, 2.5 mm2 0244100000 h4,0/12 wire-end ferrule, 4 mm2 9004100000 h4,0/15 wire-end ferrule, 4 mm2 9004110000 h4,0/18 wire-end ferrule, 4 mm2 9004120000 h6,0/10 wire-end ferrule, 6 mm2 0191900000 h6,0/12 wire-end ferrule, 6 mm2 0124700000 h6,0/15 wire-end ferrule, 6 mm2 9004130000 h6,0/18 wire-end ferrule, 6 mm2


▲Up To Search▲   

 
Price & Availability of 9004090000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X